Part Number Hot Search : 
L7805AB MEC225 AP02N40H CLL4713 MAX664 TC9109BP TC174 MAX1755B
Product Description
Full Text Search
 

To Download C340200M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Ultra-Miniature Precision TCXO / VCTCXO
Description
2111 Comprehensive Drive Aurora, Illinois 60505 Phone: 630- 851- 4722 Fax: 630- 851- 5040 www.conwin.com
Features:
Model: Cxx - Series
The Connor-Winfield 2.5x3.2mm 0 00 J 0. 1 8 Temperature Compensated 23 C Crystal Oscillators and Voltage Controlled Temperature Compensated Crystal Oscillators are designed for use in GPS applications requiring tight frequency stability over the -30 to 85C temperature range. Through the use of Analog Temperature Compensation, this device is capable of holding sub 1-ppm stabilities over the wide temperature range. 2.5V or 3.3V Operation Clipped Sinewave Output Logic Ulta-Miniature 2.5x3.2mm SMT Package Frequency Stabilities Available: 0.50ppm, 1.00ppm, 1.50ppm, 2.00ppm Temperature Ranges Available: -30 to 85C Low Power <2mA Low Jitter <1pS RMS Tape and Reel Packaging RoHS Compliant / Lead Free
US Headquarters: 630-851-4722 European Headquarters: +353-61-472221
Applications
Pad Connections
Pad 1 2 3 4 Connection Voltage Control (VCTCXO) N/C (TCXO) Ground Output Supply, Vcc
GPS Receivers
Package Layout
0.098 (2.50mm) 0.055 Max. (1.40mm Max.) 0.039 (1.00mm)
Suggested Pad Layout
0.0325 (0.83mm)
0.037 (0.94mm)
0.025 (0.64mm)
20.000 C31 8J
0.037 (0.94mm)
0.121 0.071 (3.08mm) (1.80mm)
0.128 (3.20mm)
0.035 (0.89mm) 0.0625 (1.59mm)
Pin 1
0.027 (0.69mm)
0.094 (2.38mm)
Dimensional Tolerance: +/-005 (+/-0.127mm)
0.035 (0.89mm)
Ordering Information
C
Type: Precision TCXO VCTCXO 2.5x3.2mm Package
3
Features: 1 = TCXO, 2.5Vdc, -30 to 85 C 2 = VCTCXO, 2.5Vdc, -30 to 85 C 3 = TCXO, 3.3Vdc, -30 to 85 C 4 = VCTCXO, 3.3Vdc, -30 to 85 C
1
Frequency Stability: 1 = 0.50 ppm 2 = 1.00 ppm 3 = 1.50 ppm 4 = 2.00 ppm
020.0M
Output Frequency: Frequency Format -xxx.xM Min.* -xxx.xxxxxxM Max.* *Amount of numbers after the decimal point. M = MHz
Bulletin Page Revision Date
Tx211 1 of 2 P03 24 Sep 2008
Example Part Number: C31-020.0M = 2.5x3.2mm, TCXO, Clipped Sinewave, 3.3Vdc, 0 to 70C, +/-0.50ppm, Output Frequency 20.0MHz Please consult the factory for available frequencies.
Specifications subject to change without notice. All dimensions in inches. (c) Copyright 2008 The Connor-Winfield Corporation
2111 Comprehensive Drive Aurora, Illinois 60505 Phone: 630-851-4722 Fax: 630-851-5040 www.conwin.com
Model Specifications
Model Number TCXO / VCTCXO Supply Voltage Frequency Stability Temperature Range Model Number TCXO / VCTCXO Supply Voltage Frequency Stability Temperature Range Model Number TCXO / VCTCXO Supply Voltage Frequency Stability Temperature Range Model Number TCXO / VCTCXO Supply Voltage Frequency Stability Temperature Range C11 TCXO 2.5Vdc C31 TCXO 3.3Vdc 0.50ppm -30 to 85C C12 TCXO 2.5Vdc C32 TCXO 3.3Vdc 1.00ppm -30 to 85C C13 TCXO 2.5Vdc C33 TCXO 3.3Vdc 1.50ppm -30 to 85C C14 TCXO 2.5Vdc C34 TCXO 3.3Vdc 2.0ppm -30 to 85C C24 VCTCXO 2.5Vdc C44 VCTCXO 3.3Vdc C23 VCTCXO 2.5Vdc C43 VCTCXO 3.3Vdc C22 VCTCXO 2.5Vdc C42 VCTCXO 3.3Vdc C21 VCTCXO 2.5Vdc C42 VCTCXO 3.3Vdc Note 1 Note
Features
Cxx - Series 2.5V or 3.3V Operation Clipped Sinewave Output Logic Ulta-Miniature 2.5x3.2mm SMT Package Frequency Stabilities Available: 0.50ppm, 1.00ppm, 1.50ppm, 2.00ppm Temperature Ranges Available: -30 to 85C Low Power <2mA Low Jitter <1pS RMS Tape and Reel Packaging RoHS Compliant / Lead Free Recommended for new designs
1 Note
1 Note
1
Test Circuit
Vcc Supply Voltage AC Coupling Capacitor 4 3 10Kohm 10 pF* Output
Note: 1) Frequency stability vs. change in temperature. [(Fmax - Fmin)/2.Fo].
Electrical Specifications for all Models
Absolute Maximum Ratings
Parameter Storage Temperature Supply Voltage Input Voltage (Vcc) (Vc) Units Minimum -55 -0.5 -0.5 Nominal Maximum 125 6.0 Vcc+0.5 Units C Vdc Vdc Note
.01 uF Bypass
1 N/C - TCXO VC - VCTCXO
2
* NPO Grade Capacitor
Operating Specifications
Parameter Frequency Range Frequency Calibration Aging per Year Supply Voltage Variation. (Vcc5%) Load Coefficient, 5% Static Temperature Hysteresis Frequency shift after reflow soldering Supply Voltage Supply Current Period Jitter Phase Jitter (BW=12kHz to 20MHz) SSB Phase Noise at 10Hz offset SSB Phase Noise at 100Hz offset SSB Phase Noise at 1KHz offset SSB Phase Noise at >10KHz offset 2.5v Models 3.3V Models (Vcc) (Vcc) (Icc) (TCXO Models) Minimum 10 -1.00 -1.00 -0.025 -0.025 -0.4 -1.00 2.375 3.135 Nominal 2.500 3.300 3 0.5 -80 -110 -130 -145 Maximum 40 1.00 1.00 0.025 0.025 0.4 1.00 2.625 3.465 2 5 1 Units MHz ppm ppm ppm ppm ppm ppm Vdc Vdc mA ps rms ps rms dBc/Hz dBc/Hz dBc/Hz dBc/Hz
Temperature 260C 220C 180C 150C 120C 260C
10ns 200mV
Note
Output Waveform
2
Solder Profile
Input Characteristics
Parameter Control Voltage Range Frequency Tuning Linearity Slope 2.5v Models 3.3v Models (Vc) (Vc) Minimum 0.2 0.5 10 5 Positive Nominal 1.2 1.5 Maximum 2.2 2.5 ppm % Units Vdc Notes
0 120 S Max. Time 10 S 60 S Max. 360 Sec. Max.
Clipped Sinewave Output Characteristics
Parameter Load Output Voltage Minimum 1.00 Nominal 10KOhm//10pF Maximum V pk-pk DC Coupled Units Notes
Package Characteristics
Package Ceramic Surface Mount Package. Vibration per Mil Std 883E Method 2007.3 Test Condition A Mechanical Shock per Mil Std 883E Method 2002.4 Test Condition B. See solder profile. Sollderability per Mil Std 883E Method 2003
US Headquarters: 630-851-4722 European Headquarters: +353-61-472221
Bulletin Page Revision Date Tx211 2 of 2 P03 24 Sep 2008
Environmental Characteristics
Vibration: Shock: Soldering: Sollderability
2) Frequency change after reciprocal temperature ramped over the operating range. Frequency measured before and after at 25C.
Specifications subject to change without notice. All dimensions in inches. (c) Copyright 2008 The Connor-Winfield Corporation


▲Up To Search▲   

 
Price & Availability of C340200M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X